Part Number Hot Search : 
ULCE11A EM355310 UC3844 S2003 16S64 BCR18907 371606 HCF4055
Product Description
Full Text Search
 

To Download BAT4801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BAT47 BAT48
SMALL SIGNAL SCHOTTKY DIODE
DESCRIPTION General purpose, metal to silicon diodes featuring very low turn-on voltage and fast switching.These devices have integrated protection against excessive voltage such as electrostatic discharges.
DO-35
ABSOLUTE RATINGS (limiting values)
Symbol VRRM IF IFRM IFSM Parameter Repetitive Peak Reverse Voltage Forward Continuous Current* Repetitive Peak Fordward Current* Surge non Repetitive Forward Current* Ta = 25C tp 1s 0.5 tp = 10ms tp = 1s Ptot Tstg Tj TL Power Dissipation* Storage and Junction Temperature Range Maximum Temperature for Soldering during 10s at 4mm from Case Ta = 25C BAT47 20 350 1 7.5 1.5 330 - 65 to + 150 - 65 to + 125 230 mW C C C BAT48 40 Unit V mA A A
THERMAL RESISTANCE
Symbol Rth(j-l) Junction-ambient* Test Conditions Value 300 Unit C/W
* On infinite heatsink with 4mm lead length
October 2001 - Ed: 1B
1/5
BAT47 / BAT48
ELECTRICAL CHARACTERISTICS STATIC CHARACTERISTICS
Symbol V(BR) IR = 10A IR = 25A VF* Tj = 25C IF = 0.1mA Tj = 25C IF = 1mA Tj = 25C IF = 10mA Tj = 25C IF = 30mA Tj = 25C IF = 150mA Tj = 25C IF = 300mA Tj = 25C IF = 50mA Tj = 25C IF = 200mA Tj = 25C IF = 500mA IR* Tj = 25C Tj = 60C Tj = 25C Tj = 60C Tj = 25C Tj = 60C Tj = 25C Tj = 60C Tj = 25C Tj = 60C Tj = 25C Tj = 60C VR = 40V VR = 20V VR = 10V BAT48 VR = 20V VR = 10V BAT47 VR = 1.5V All Types BAT48 BAT47 Test Conditions BAT47 BAT48 All Types Min. 20 40 0.25 0.3 0.4 0.5 0.8 1 0.5 0.75 0.9 1 10 4 20 10 30 2 15 5 25 25 50 A V Typ. Max. Unit V
DYNAMIC CHARACTERISTICS
Symbol C Tj = 25C VR = 0V Tj = 25C VR = 1V
* Pulse test: tp 300s < 2%.
Test Conditions f = 1MHz
Min.
Typ. 20 12
Max.
Unit pF
2/5
BAT47 / BAT48
Fig. 1: Forward current versus forward voltage at different temperatures (typical values). Fig. 2: Forward current versus forward voltage (typical values).
Fig. 3: Reverse current versus junction temperature.
Fig. 4: Reverse current versus continuous reverse voltage (typical values).
3/5
BAT47 / BAT48
Fig. 5: Capacitance C versus reverse applied voltage VR (typical values).
BAT47 / BAT48
PACKAGE MECHANICAL DATA DO-35 REF.
C A
C
DIMENSIONS Millimeters Min. Max.
4.50 2.00
OB /
Inches Min.
0.120 0.060 1.102
Max.
0.177 0.079
A B
OD / OD /
3.05 1.53 28.00 0.458
C D
0.558
0.018
0.022
Cooling method: by convection and conduction. Marking: clear, ring at cathode end. Weight: 0.015g
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 5/5


▲Up To Search▲   

 
Price & Availability of BAT4801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X